Part Number Hot Search : 
1209S MT6L58AT CM162 ZX84C18 AAT4612 LM2903PT MBR1050 V800B
Product Description
Full Text Search
 

To Download 2SC5025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5025
Silicon NPN Epitaxial
Application
High frequency amplifier
TO-126FM
Features
* Excellent high frequency characteristics fT = 1.2 GHz typ * Low output capacitance Cob = 5.0 pF typ
1
2
3
1. Emitter 2. Collector 3. Base
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Collector power dissipation Junction temperature Storage temperature Note: 1. Value at TC = 25C. Symbol VCBO VCEO VEBO IC ic(peak) PC PC*1 Tj Tstg Rating 30 20 3.5 0.3 0.5 1 5 150 -55 to +150 Unit V V V A A W W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
2SC5025
Electrical Characteristics (Ta = 25C)
Item Collector to emitter breakdown voltage Collector cutoff current Symbol V(BR)CEO ICBO IEBO hFE VBE VCE(sat) fT Cob Min 20 Typ -- Max -- Unit V Test Conditions IC = 10 mA, RBE = VCB = 25 V, IE = 0 VEB = 3 V, IC = 0 VCE = 5 V, IC = 50 mA V VCE = 5 V, IC = 300 mA IC = 300 mA, IB = 60 mA VCE = 5 V, IC = 100 mA VCB = 10 V, IE = 0, f = 1 MHz VEB = 2 V, IC = 0, f = 1 MHz
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- -- 1.0 mA
--------------------------------------------------------------------------------------
Emitter cutoff current -- -- 1.0 mA
--------------------------------------------------------------------------------------
DC current transfer ratio Base to emitter voltage 40 -- 200
--------------------------------------------------------------------------------------
-- -- 1.2
--------------------------------------------------------------------------------------
Collector to emitter saturation voltage Gain bandwidth product -- -- 2.0 V
--------------------------------------------------------------------------------------
-- 1.2 -- GHz
--------------------------------------------------------------------------------------
Collector output capacitance -- 5.0 -- pF
--------------------------------------------------------------------------------------
Input capacitance Cib -- 10 -- pF
-------------------------------------------------------------------------------------- See characteristic curves of 2SC3652.
2SC5025
Maximum Collector Power Dissipation Curve 8 Collector Power Dissipation Pc (W)
6 Tc 4
2 Ta
0
50 100 150 Temperature T (C)
200


▲Up To Search▲   

 
Price & Availability of 2SC5025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X